Part Number Hot Search : 
VNN3NV04 1N445 SFBUV60 D1206 0R06K 562MSEG AIR03 100BG
Product Description
Full Text Search
 

To Download 1N939A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N935 thru 1N940B-1 9.0 Volt Temperature Compensated Zener Reference Diodes
SCOTTSDALE DIVISION
DESCRIPTION The popular 1N935 thru 1N940B series of Zero-TC Reference Diodes provides a selection of 9.0 V nominal voltages and temperature coefficients to as low as 0.0002%/oC for minimal voltage change with temperature when operated at 7.5 mA. These glass axial-leaded DO-7 reference diodes are also available in JAN, JANTX, and JANTXV military qualifications. Microsemi also offers numerous other Zener Reference Diode products for a variety of other voltages from 6.2 V to 200 V.
APPEARANCE
WWW . Microsemi .C OM
DO-7 (DO-204AA)
IMPORTANT: For the most current data, consult MICROSEMI's website: http://www.microsemi.com
FEATURES
* * * JEDEC registered 1N935 thru 1N940 series Standard reference voltage of 9.0V +/- 5% 1N935B, 937B, 938B, 939B, 940B also have military qualification to MIL-PRF-19500/156 up to the JANTXV level by adding JAN, JANTX, or JANTXV prefixes to part numbers as well as "-1" suffix, e.g. JANTX1N938B-1, etc. Internal metallurgical bonds JANS Equivalent available via SCD Radiation Hardened devices available by changing "1N" prefix to "RH", e.g. RH938B, RH 940B, etc. Also consult factory for "RH" data sheet brochure * * * *
APPLICATIONS / BENEFITS
Provides minimal voltage changes over a broad temperature range For instrumentation and other circuit designs requiring a stable voltage reference Maximum temperature coefficient selections available from 0.01%/C to 0.0002%/C Tight voltage tolerances available with nominal voltage of 9.2 V by adding tolerance 1%, 2%, 3%, etc. after the part number for further identification, e.g. 1N938B-2%, 1N940B-1%, 1N939B-1-1%, etc. Flexible axial-leaded mounting terminals Nonsensitive to ESD per MIL-STD-750 Method 1020
* * *
* *
MAXIMUM RATINGS
* * Operating & StorageTemperature: -65 C to +175 C DC Power Dissipation: 500 mW @ TL = 25oC and maximum current IZM of 50 mA. NOTE: For optimum voltage-temperature stability, IZ = 7.5 mA (less than 75 mW in dissipated power) Solder temperatures: 260 oC for 10 s (maximum)
o o
MECHANICAL AND PACKAGING
* * * * CASE: Hermetically sealed glass case with DO-7 (DO-204AA) package TERMINALS: Tin-lead plated and solderable per MIL-STD-750, Method 2026 MARKING: Part number and cathode band POLARITY: Reference diode to be operated with the banded end positive with respect to the opposite end TAPE & REEL option: Standard per EIA-296 (add "TR" suffix to part number) WEIGHT: 0.2 grams. See package dimensions on last page
*
1N935 - 1N940B-1 935
* * *
Copyright 2003 8-21-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
1N935 thru 1N940B-1 9.0 Volt Temperature Compensated Zener Reference Diodes
SCOTTSDALE DIVISION
*ELECTRICAL CHARACTERISTICS @ 25oC, unless otherwise specified
JEDEC TYPE NUMBERS (Notes 1 & 5) ZENER VOLTAGE VZ @ IZT (Notes 1, 4 & 5) ZENER TEST CURRENT IZT MAXIMUM ZENER IMPEDANCE (Note 2) ZZT @ IZT MAXIMUM REVERSE CURRENT IR @ 6 V VOLTAGE TEMPERATURE STABILITY (Notes 3 & 4) VZT MAXIMUM TEMPERATURE RANGE
o
WWW . Microsemi .C OM
EFFECTIVE TEMPERATURE COEFFICIENT VZ
1N935 1N935A 1N935B 1N936 1N936A 1N936B 1N937 1N937A 1N937B 1N938 1N938A 1N938B 1N939 1N939A 1N939B 1N940 1N940A 1N940B
VOLTS 8.55-9.45 8.55-9.45 8.55-9.45 8.55-9.45 8.55-9.45 8.55-9.45 8.55-9.45 8.55-9.45 8.55-9.45 8.55-9.45 8.55-9.45 8.55-9.45 8.55-9.45 8.55-9.45 8.55-9.45 8.55-9.45 8.55-9.45 8.55-9.45
mA 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5
OHMS 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20
A 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
mV 67 139 184 33 69 92 13 27 37 6 13 18 3 7 9 1.3 2.7 3.7
C 0 to +75 -55 to +100 -55 to +150 0 to +75 -55 to +100 -55 to +150 0 to +75 -55 to +100 -55 to +150 0 to +75 -55 to +100 -55 to +150 0 to +75 -55 to +100 -55 to +150 0 to +75 -55 to +100 -55 to +150
%/ C 0.01 0.01 0.01 0.005 0.005 0.005 0.002 0.002 0.002 0.001 0.001 0.001 0.0005 0.0005 0.0005 0.0002 0.0002 0.0002
o
*JEDEC Registered Data. NOTES: 1. When ordering devices with tighter tolerances than specified, use a nominal voltage of 9.2V and add a hyphenated suffix
2. 3. 4. to the part number for desired tolerance at the end of the part number, e.g. 1N938B-2%, 1N939B-1%, 1N939B-1-1%, etc. o Measured by superimposing 0.75 mA ac rms on 7.5 mA dc @ 25 C. The maximum allowable change observed over the entire temperature range i.e., the diode voltage will not exceed the specified mV change at any discrete temperature between the established limits. Voltage measurements to be performed 15 seconds after application of dc current. The 1N935B, 937B, 938B, 939B, 940B also have military qualification to MIL-PRF-19500/156 up to the JANTXV level by adding JAN, JANTX, or JANTXV prefixes to part numbers as well as "-1" suffix, e.g. JANTX1N938B-1, etc. Designate Radiation Hardened devices with "RH" prefix instead of "IN", i.e. RH938A instead of 1N938A.
5.
6.
GRAPHS
Change in temperature coefficient (%/ C) Change in temperature coefficient (mV/ C)
o
o
The curve shown in Figure 1 is typical of the diode series and greatly simplifies the estimation of the Temperature Coefficient (TC) when the diode is operated at currents other than 7.5mA. EXAMPLE: A diode in this series is operated at a current of 7.5mA and has specified Temperature Coefficient (TC) limits of +/o 0.005%/ C. To obtain the typical Temperature Coefficient limits for this same diode operated at a current of 6.0mA, the new TC limits o (%/ C) can be estimated using the graph in FIGURE 1. At a test current of 6.0mA the change in Temperature Coefficient o (TC) is approximately -0.0009%. C. The algebraic sum of +/o o 0.005% C and -0.0009%/ C gives the new estimated limits of +0.0041%/oC and -0.0059%/oC.
1N935 - 1N940B-1
FIGURE 1 TYPICAL CHANGE OF TEMPERATURE COEFFICIENT WITH CHANGE IN OPERATING CURRENT.
Copyright 2003 8-21-2003 REV A
IZ - Operating Current (mA)
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
1N935 thru 1N940B-1 9.0 Volt Temperature Compensated Zener Reference Diodes
SCOTTSDALE DIVISION
WWW . Microsemi .C OM
VZ - Change in Zener Voltage (mV)
This curve in Figure 2 illustrates the change of diode voltage arising from the effect of impedance. It is in effect an exploded view of the zener operating region of the I-V characteristic. In conjunction with Figure 1, this curve can be used to estimate total voltage regulation under conditions of both varying temperature and current.
FIGURE 2 TYPICAL CHANGE OF ZENER VOLTAGE WITH CHANGE IN OPERATING CURRENT.
IZ - Operating Current (mA)
DIMENSIONS
1N935 - 1N940B-1 935
All dimensions in INCH mm
Copyright 2003 8-21-2003 REV A
Microsemi
Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 3
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1N939A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X